PART |
Description |
Maker |
831-002 |
GT Gas Tube Assemblies for MIL-DTL-38999 Series II, Glenair Series 79 and Series 80
|
Glenair, Inc.
|
LN342GP LN842RP LN242RP LN442YP LN342GPLNG342GDG L |
From old datasheet system 5.0 mm ′ 2.0 mm Series 5.0 MM ? 2.0 MM SERIES Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
1274045-1 |
F Series and G Series; PLUG,VERTICAL,PCB,G SERIES ( AMP )
|
Tyco Electronics
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
BR25S128GUZ-W11 |
High Reliability Series Serial EEPROM Series WL-CSP EEPROMs family
|
Rohm
|
0237 AA-0237-1 AA-0237-3 AA-0237-5 |
The 237 Series is designed to provide more aggressive performance than the 220 or 221 series.
|
JMK Inc.
|
MADR-008888-000100 MADR-008888-0001TB MADR-008888- |
PIN Diode Driver for Series / Series High Power Switch
|
M/A-COM Technology Solutions, Inc.
|
AN1172 |
THE NEW ACS SERIES: SERIES A BREAKTHROUGH IN RUGGEDNESS & DRIVE FOR HOME APPLIANCES
|
SGS Thomson Microelectronics
|
KDE1205PHB1 B0503PFB1-8 B0503PFB3-8 B0535PEB2-8 KD |
KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
PF150HF-010.0M PF263HF-010.0M PF263HV-010.0M PF160 |
Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
|
Connor-Winfield Corporation
|
TPSV107K025R0100 TPSV686M025R0095 TPSE476M035R0200 |
Low ESR series of robust Mn02 solid electrolyte capacitors TPS Series
|
AVX Corporation
|
HD74ALVC1G32 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|